Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 74Page - STMicroelectronics ST20-C1 Datasheet HTML 75Page - STMicroelectronics ST20-C1 Datasheet HTML 76Page - STMicroelectronics ST20-C1 Datasheet HTML 77Page - STMicroelectronics ST20-C1 Datasheet HTML 78Page - STMicroelectronics ST20-C1 Datasheet HTML 79Page - STMicroelectronics ST20-C1 Datasheet HTML 80Page - STMicroelectronics ST20-C1 Datasheet HTML 81Page - STMicroelectronics ST20-C1 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 205 page
background image
7.1 Processes
78/205
®
7
Multi-tasking
This chapter describes the features of the ST20-C1 core provided to suppor t multi-
tasking, and how to use them. The architecture of the ST20-C1, including the registers
and memory arrangement, are described in Chapter 3. Interrupts and traps are
described in Chapter 6. A full list of constants and data structures is given in Appendix
A.
Support is provided in the instruction set for timeslicing, scheduling processes and
manipulating queues of processes.
7.1
Processes
A process (also known as a task or thread) is an independent unit of software with a
single thread of control, i.e. a sequential algorithm. Any number of processes may be
run. A process which has been started but not terminated may be in one of several
different states:
• executing on the CPU;
• interrupted or trapped by an exception;
• inactive, i.e. waiting for a peripheral or semaphore signal;
• waiting for CPU time.
A process that is not inactive is said to be active. A process that is not executing or
interrupted is said to be descheduled. The states and main transitions are shown in
Figure 7.1. The scheduling transitions can be trapped so that a software scheduling
kernel can modify the transitions and so change the scheduling behavior, for example
by providing a system of process priorities.
Figure 7.1 Process states and main transitions
Waiting
for CPU
time
Executing
Interrupted
Inactive
Descheduled
processes
Active
processes
Interrupt
or trap
Return
Event
Terminate
Run
Terminated
Not started
Descheduled
Timeslice
or
trapped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com