Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 24Page - STMicroelectronics ST20-C1 Datasheet HTML 25Page - STMicroelectronics ST20-C1 Datasheet HTML 26Page - STMicroelectronics ST20-C1 Datasheet HTML 27Page - STMicroelectronics ST20-C1 Datasheet HTML 28Page - STMicroelectronics ST20-C1 Datasheet HTML 29Page - STMicroelectronics ST20-C1 Datasheet HTML 30Page - STMicroelectronics ST20-C1 Datasheet HTML 31Page - STMicroelectronics ST20-C1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 205 page
background image
3.4 Instruction encoding
28/205
®
which is in turn encoded with the sequence:
pfix F; opr 9
3.4.5
Summary of encoding
The encoding mechanism has important consequences.
• It produces very compact code.
• It simplifies language compilation, by providing a completely uniform way of
allowing a primary instruction to take an operand of any size up to the proces-
sor word-length.
• It allows these operands to be represented in a form independent of the word-
length of the processor.
• It enables any number of secondary instructions to be implemented.
To aid clarity and brevity, prefix sequences and the use of
opr are not explicitly shown
in this guide. Each instruction is represented by a mnemonic, and for primary instruc-
tions an item of data, which stands for the appropriate instruction component
sequence. Hence the examples above would be just shown as:
ldc 17, add, and and.
Where appropriate, an expression may be placed in a code sequence to represent the
code needed to evaluate that expression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com