Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-C1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 32Page - STMicroelectronics ST20-C1 Datasheet HTML 33Page - STMicroelectronics ST20-C1 Datasheet HTML 34Page - STMicroelectronics ST20-C1 Datasheet HTML 35Page - STMicroelectronics ST20-C1 Datasheet HTML 36Page - STMicroelectronics ST20-C1 Datasheet HTML 37Page - STMicroelectronics ST20-C1 Datasheet HTML 38Page - STMicroelectronics ST20-C1 Datasheet HTML 39Page - STMicroelectronics ST20-C1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 205 page
background image
4.4 Arithmetic
36/205
®
section 4.7, and the general principles of expression evaluation are described in
section 4.3.
4.4.1
Addition, subtraction and multiplication
Single length signed arithmetic is provided by the operations listed in Table 4.4.
Each of these instructions except
smul can signal overflow or underflow by setting the
appropriate bit in the status register. An overflow occurs if the result is greater than
MostPos and an underflow if it is less than MostNeg. If overflow or underflow occurs,
then the 32 least significant bits of the full result are left in the Areg. The overflow and
underflow are ‘sticky’, so when one has been set, it is not cleared and the other cannot
be set by subsequent arithmetic. The overflow and underflo w bits may be used for
saturated arithmetic, as described in section 4.4.3.
The primary instruction
adc n adds the constant value n to Areg. Breg and Creg are
unaffected. This is used for incrementing and decrementing variables and counters.
If
op is one of add, sub, mul or smul, then the instruction sequence
ldl X; ldl Y; op;
evaluates the expression
XopY
i.e. it takes the value in Breg as the left hand operand and the value in Areg as the
right hand operand, and loads the result into Areg. The content of Creg is popped into
Breg and the initial Areg is rotated into Creg.
smul multiples two half-word values producing a 32-bit result. It cannot overflow or
underflow and is faster than
mul.
4.4.2
Division and remainder
Division and remainder are performed using the operations listed in Table 4.5.
Mnemonic
Name
adc n
add constant
add
add
sub
subtract
mul
multiply
smul
short multiply
Table 4.4 Single length signed integer arithmetic instructions
Mnemonic
Name
divstep
divide step
unsign
unsign argument
Table 4.5 Division and remainder instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com