Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 140Page - Renesas Technology Corp SH7721 Datasheet HTML 141Page - Renesas Technology Corp SH7721 Datasheet HTML 142Page - Renesas Technology Corp SH7721 Datasheet HTML 143Page - Renesas Technology Corp SH7721 Datasheet HTML 144Page - Renesas Technology Corp SH7721 Datasheet HTML 145Page - Renesas Technology Corp SH7721 Datasheet HTML 146Page - Renesas Technology Corp SH7721 Datasheet HTML 147Page - Renesas Technology Corp SH7721 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 82 of 1458
REJ09B0033-0300
performs data transfers between the DSP unit registers and all virtual address spaces. For details,
refer to section 3.4, DSP Data Transfer Instructions.
(4)
DSP Unit Operation Instructions
DSP unit operation instructions are called DSP data operation instructions. These instructions are
provided to execute digital signal processing operations at high speed using the DSP. Instruction
codes for these instructions are 32 bits. The DSP data operation instruction fields consist of two
fields: field A and field B. In field A, a function for double data transfer instructions can be
described. In field B, ALU operation instructions and multiply instructions can be described. The
instructions described in fields A and B can be executed in parallel. A maximum of four
instructions (ALU operation, multiply, and two data transfers) can be executed in parallel. For
details, refer to section 3.5, DSP Data Operation Instructions.
Notes: 1. 32-bit instruction codes are handled as two consecutive 16-bit instruction codes.
Accordingly, 32-bit instruction codes can be assigned to a word boundary. 32-bit
instruction codes must be stored in memory, upper word and lower word, in this order,
in word units.
2. In little endian, the upper and lower words must be stored in memory as data to be
accessed in word units.
CPU core instruction
15
0000
1110
111100
111101
111110
A Field
A Field
A Field
B Field
0
15
0
15
10
10
9
12 11
90
31
16
26 25
0
15
Double-data transfer instruction
Single-data transfer instruction
DSP data operation instruction
*
Figure 3.1 DSP Instruction Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com