Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 144Page - Renesas Technology Corp SH7721 Datasheet HTML 145Page - Renesas Technology Corp SH7721 Datasheet HTML 146Page - Renesas Technology Corp SH7721 Datasheet HTML 147Page - Renesas Technology Corp SH7721 Datasheet HTML 148Page - Renesas Technology Corp SH7721 Datasheet HTML 149Page - Renesas Technology Corp SH7721 Datasheet HTML 150Page - Renesas Technology Corp SH7721 Datasheet HTML 151Page - Renesas Technology Corp SH7721 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 86 of 1458
REJ09B0033-0300
(2)
Repeat Start Register (RS)
The repeat start register (RS) holds the start address of a loop repeat module that is controlled by
the repeat function. This register can be accessed in DSP mode. At reset, the initial value of this
register is undefined. This register is not affected in the exception handling state.
(3)
Repeat End Register (RE)
The repeat end register (RE) holds the end address of a loop repeat module that is controlled by
the repeat function. This register can be accessed in DSP mode. At reset, this register is initialized
to 0. This register is not affected in the exception handling state.
(4)
Modulo Register (MOD)
The modulo register stores the modulo end address and modulo start address for modulo
addressing in upper and lower 16 bits. The upper and lower 16 bits of the modulo register are
referred to as the ME register and MS register, respectively. This register can be accessed in DSP
mode. At reset, the initial value of this register is undefined. This register is not affected in the
exception handling state.
The above registers can be accessed by the control register load instruction (LDC) and store
instruction (STC). Note that the LDC and STC instructions for the RS, RE, and MOD registers can
be used only in privileged DSP mode and user DSP mode. The LDC and STC instruction for the
SR register can be executed only when the MD bit is set to 1 or in user DSP mode. Note, however,
that the LDC and STC instructions can modify only the RC11 to RC0, RF1 to RF0, DMX, and
DMY bits in the SR, as described below.
• In user mode, if the LCD and STC instructions are used for the RS, an illegal instruction
exception occurs.
• In privileged and privileged DSP modes, all SR bits can be modified.
• In user DSP mode, the SR can be read by the STC instruction.
• In user DSP mode, the LDC instruction can be issued to the SR but only the DSP extension
bits can be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com