Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 148Page - Renesas Technology Corp SH7721 Datasheet HTML 149Page - Renesas Technology Corp SH7721 Datasheet HTML 150Page - Renesas Technology Corp SH7721 Datasheet HTML 151Page - Renesas Technology Corp SH7721 Datasheet HTML 152Page - Renesas Technology Corp SH7721 Datasheet HTML 153Page - Renesas Technology Corp SH7721 Datasheet HTML 154Page - Renesas Technology Corp SH7721 Datasheet HTML 155Page - Renesas Technology Corp SH7721 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 90 of 1458
REJ09B0033-0300
more instructions, the same instruction is regarded as the RptStart instruction and RptDtct
instruction.
To control the repeat loop, the DSP extended control registers, such as the RE register and RS
register and the RC[11:0] and RF[1:0] bits of the SR register, are used. These registers can be
specified by the LDRE, LDRS, and SETRC instructions.
• Repeat end register (RE)
The RE register is specified by the LDRE instruction. The RE register specifies (repeat
detection instruction address +4). In a repeat loop consisting of four or more instructions, an
instruction three instructions prior to the repeat end instruction is regarded as the repeat
detection instruction. A repeat loop consisting of three or less instructions is described later.
• Repeat start register (RS)
The RE register is specified by the LDRS instruction. In a repeat loop consisting of 4 or more
instructions, the RS register specifies the repeat start instruction address. In a repeat loop
consisting of three or less instructions, a specific address is specified in the RS. This is
described later.
• Repeat counter (RC[11:0] bits of the SR)
The repeat counter is specifies the number of repetitions by the SETRC instruction. During
repeat loop execution, the RC holds the remaining number of repetitions.
• Repeat flags (RF[1:0] bits of the SR)
The repeat flags are automatically specified according to the RS and RE register values during
SETRC instruction execution. The repeat flags store information on the number of instructions
included in the repeat loop. Normally, the user cannot modify the repeat flag values.
The CPU always executes instructions by comparing the RE register to program counter values.
Because the PC stores (the current instruction address +4), if the RE matches the PC during repeat
instruction detection execution, a repeat detection instruction can be detected. If a repeat detection
instruction is executed without branching and if RC[11:0] > 0, then repeat control is performed. If
RC[11:0]
≥ 2 when the repeat end instruction is completed, the RC[11:0] is decremented by 1 and
then control is passed to the address specified by the RS register.
Examples 2 to 4 show program examples of the repeat loop consisting of three instructions, two
instructions, and one instruction, respectively. In these examples, an instruction immediately prior
to the repeat start instruction is regarded as a repeat detection instruction. The RS register specifies
the specific value that indicates the number of repeat instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com