Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 152Page - Renesas Technology Corp SH7721 Datasheet HTML 153Page - Renesas Technology Corp SH7721 Datasheet HTML 154Page - Renesas Technology Corp SH7721 Datasheet HTML 155Page - Renesas Technology Corp SH7721 Datasheet HTML 156Page - Renesas Technology Corp SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 94 of 1458
REJ09B0033-0300
The RS and RE registers must be specified appropriately according to the rules shown in table 3.4.
The SH assembler supports control macros (REPEAT) as shown in table 3.6 to solve problems.
Table 3.6
Repeat Control Macros
Instruction
Operation
Number of
Execution States
REPEAT RptStart,
RptEnd, #imm
Specifies RptStart as repeat start instruction, RptEnd as
repeat end instruction, and 8-bit immediate data #imm
as number of repetitions. This macro is extended to
three instructions: LDRS, LDRE, and SETRC which are
converted correctly.
3
REPEAT RptStart,
RptEnd, Rm
Specifies RptStart as repeat start instruction, RptEnd as
repeat end instruction, and the [11:0] bits of Rm as
number of repetitions. This macro is extended to three
instructions: LDRS, LDRE, and SETRC which are
converted correctly.
3
Using the repeat macros shown in table 3.4, examples 1 to 4 shown above can be simplified to
examples 5 to 8 as shown below.
• Example 5: Repeat loop consisting of 4 or more instructions (extended to the instruction
stream shown in example 1, above)
REPEAT RptStart, RptEnd, #4
Instr0
;
RptStart: instr1
; [Repeat start instruction]
... ...
;
... ...
;
instr(N-3)
;
instr(N-2)
;
instr(N-1)
;
Rptend:
instrN
; [Repeat end instruction]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com