Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 155Page - Renesas Technology Corp SH7721 Datasheet HTML 156Page - Renesas Technology Corp SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp SH7721 Datasheet HTML 162Page - Renesas Technology Corp SH7721 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 97 of 1458
REJ09B0033-0300
(c)
Instructions prohibited during repeat loop (In a repeat loop consisting of four or more
instructions)
The following instructions must not be placed between the repeat start instruction and repeat
detection instruction in a repeat loop consisting of four or more instructions. Otherwise, the
correct operation cannot be guaranteed.
• Repeat control instructions
SETRC, LDRS, LDRE
• Load instructions for SR, RS, and RE registers
LDC Rn,SR, LDC @Rn+,SR, LDC Rn,RE, LDC @Rn+,RE, LDC Rn,RS, LDC @Rn+,RS
Note:
Multiple repeat loops cannot be guaranteed. Describe the inner loop by repeat control
instructions, and the external loop by other instructions such as DT or BF/S.
(d)
Branching to an instruction following the repeat detection instruction and restriction
on an exception acceptance
Execution of a repeat detection instruction must be completed without any branch so that the CPU
can recognize the repeat loop. Therefore, when the execution branches to an instruction following
the repeat detection instruction, the control will not be passed to a repeat start instruction after
executing a repeat end instruction because the repeat loop is not recognized by the CPU. In this
case, the RC[11:0] bits of the SR register will not be changed.
• If a conditional branch instruction is used in the repeat loop, an instruction before a repeat
detection instruction must be specified as a branch destination.
• If a subroutine call is used in the repeat loop, a delayed slot instruction of the subroutine call
instruction must be placed before a repeat detection instruction.
Here, a branch includes a return from an exception processing routine. If an exception whose
return address is placed in an instruction following the repeat detection instruction occurs, the
repeat control cannot be returned correctly. Accordingly, an exception acceptance is restricted
from the repeat detection instruction to the repeat end instruction. Exceptions such as interrupts
that can be retained by the CPU are retained. For exceptions that cannot be retained by the CPU, a
transition to an exception occurs but a program cannot be returned to the previous execution state
correctly. For details, refer to section 7, Exception Handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com