Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 153Page - Renesas Technology Corp SH7721 Datasheet HTML 154Page - Renesas Technology Corp SH7721 Datasheet HTML 155Page - Renesas Technology Corp SH7721 Datasheet HTML 156Page - Renesas Technology Corp SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 95 of 1458
REJ09B0033-0300
• Example 6: Repeat loop consisting of three instructions (extended to the instruction stream
shown in example 2, above)
REPEAT RptStart, RptEnd, #4
instr0
;
RptStart: instr1
; [Repeat start instruction]
instr2
;
RptEnd:
instr3
; [Repeat end instruction]
• Example 7: Repeat loop consisting of two instructions (extended to the instruction stream
shown in example 3, above)
REPEAT RptStart, RptEnd, #4
instr0
;
RptStart: instr1
; [Repeat start instruction]
RptEnd:
instr2
; [Repeat end instruction]
• Example 8: Repeat loop consisting of one instruction instructions (extended to the instruction
stream shown in example 4, above)
REPEAT RptStart, RptEnd, #4
instr0
;
RptStart:
RptEnd:
instr1
; [Repeat start instruction]==[Repeat end
instruction]
In the DSP mode, the system control instructions (LDC and STC) that handle the RS and RE
registers are extended. The RC[11:0] bits and RF[1:0] bits of the SR can be controlled by the LDC
and STC instructions for the SR register. These instructions should be used if an exception is
enabled during repeat loop execution. The repeat loop can be resumed correctly by storing the RS
and RE register values and RC[11:0] bits and RF[1:0] bits of the SR register before exception
handling and by restoring the stored values after exception handling. However, note that there are
some restrictions on exception acceptance during repeat loop execution. For details refer to
Restrictions on Repeat Loop Control in section 3.3.1, DSP Repeat Control and section 7,
Exception Handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com