Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp SH7721 Datasheet HTML 162Page - Renesas Technology Corp SH7721 Datasheet HTML 163Page - Renesas Technology Corp SH7721 Datasheet HTML 164Page - Renesas Technology Corp SH7721 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 99 of 1458
REJ09B0033-0300
• PC relative addressing instructions
MOV.A @(disp, PC), Rn
MOV.W @(disp, PC), Rn
MOV.L @(disp, PC), Rn
(Including the case when the MOV #imm,Rn is extended to MOV.W @(disp, PC), Rn or
MOV.L @(disp, PC), Rn)
Table 3.8
PC Value during Repeat Control (When RC[11:0]
≥ 2)
Number of Instructions in Repeat Loop
1
2
3
≥4
RptDtct
RptDtct + 4
RptDtct + 4
RptDtct + 4
RptDtct +4
RptDtct1
RptDtct1 + 4
RptDtct1+ 4
RptDtct1 + 4
RptDtct1 + 4
RptDtct2
―
RptDtct1+ 4
RptDtct1 + 4
RS
RptDtct3
―
―
RptDtct1 + 4
RS + 2
Note:
In table 3.8, the following labels are used.
RptDtct:
An address of the repeat detection instruction
RptDtct1:
An address of the instruction one instruction following the repeat start
instruction (In a repeat loop consisting of one to three instructions, RptStart is
a repeat start instruction)
RptDtct2:
An address of the instruction two instruction following the repeat start
instruction
RptDtct3:
An address of the instruction three instruction following the repeat start
instruction
(g)
Repeat counter and repeat control
The CPU always executes a program with comparing the repeat end register (RE) and the program
counter (PC). If the PC matches the RE while the RC[11:0] bits of the SR register are other than 0,
the repeat control function is initiated.
• If RC ≥ 2, a control is passed to a repeat start instruction after a repeat end instruction has been
executed. The RC is decremented by 1 at the completion of the repeat end instruction.
In this case, restrictions (1) to (6) are also applied.
• If RC == 1, the RC is decremented to 0 at the completion of the repeat end instruction and a
control is passed to the subsequent instruction. In this case, restrictions (1) to (6) are also
applied.
• If RC == 0, the repeat control function is not initiated even if a repeat detection instruction is
executed. The repeat loop is executed once as normal instructions and a control is not be
passed to a repeat start instruction even if a repeat end instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com