Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 156Page - Renesas Technology Corp SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp SH7721 Datasheet HTML 159Page - Renesas Technology Corp SH7721 Datasheet HTML 160Page - Renesas Technology Corp SH7721 Datasheet HTML 161Page - Renesas Technology Corp SH7721 Datasheet HTML 162Page - Renesas Technology Corp SH7721 Datasheet HTML 163Page - Renesas Technology Corp SH7721 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 98 of 1458
REJ09B0033-0300
Notes: 1. If a TRAPA instruction is used as a repeat detection instruction, an instruction
following the repeat detection instruction is regarded as a return address. In this case, a
control cannot be returned to the repeat control correctly. In a TRAPA instruction, an
address of an instruction following the repeat detection address is regarded as return
address. Accordingly, to return to the repeat control correctly, place a return address
prior to the repeat detection instruction.
2. If a SLEEP instruction is placed following a repeat detection instruction, a transition to
the low-power consumption state or an exception acceptance such as interrupts can be
performed correctly. In this case, however, the repeat control cannot be returned
correctly. To return to the repeat control correctly, the SLEEP instruction must be
placed prior to the repeat detection instruction.
(e)
Branch from a repeat detection instruction
If a repeat detection instruction is a delayed slot instruction of a delayed branch instruction or a
branch instruction, a repeat loop can be acknowledged when a branch does not occur in a
branch instruction. If a branch occurs in a branch instruction, a repeat control is not performed
and a branch destination instruction is executed.
(f)
Program counter during repeat control
If RC[11:0]
≥ 2, the program counter (PC) value is not correct for instructions two instructions
following a repeat detection instruction. In a repeat loop consisting of one to three instructions,
the PC indicates the correct value (instruction address + 4) for an instruction (repeat start
instruction) following a repeat detect ion instruction but the PC continues to indicate the same
address (repeat start instruction address) from the subsequent instruction to a repeat end
instruction. In a repeat loop consisting of four or more instructions, the PC indicates the correct
value (instruction address + 4) for an instruction following a repeat detect ion instruction, but
PC indicates the RS and (RS +2) for instructions two and three instructions following the
repeat detection instruction. Here, RS indicates the value stored in the repeat start register
(RS). The correct operation cannot be guaranteed for the incorrect PC values.
Accordingly, PC relative addressing instructions placed two or more instructions following the
repeat detection instruction cannot be executed correctly and the correct results cannot be
obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com