Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 150Page - Renesas Technology Corp SH7721 Datasheet HTML 151Page - Renesas Technology Corp SH7721 Datasheet HTML 152Page - Renesas Technology Corp SH7721 Datasheet HTML 153Page - Renesas Technology Corp SH7721 Datasheet HTML 154Page - Renesas Technology Corp SH7721 Datasheet HTML 155Page - Renesas Technology Corp SH7721 Datasheet HTML 156Page - Renesas Technology Corp SH7721 Datasheet HTML 157Page - Renesas Technology Corp SH7721 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 92 of 1458
REJ09B0033-0300
• Example 4: Repeat loop consisting of one instruction
LDRS RptDtct +8; Sets (repeat detection instruction
address + 8) to the RS register
LDRE RptDtct +4
; Sets (repeat detection instruction
address + 4) to the RE register
SETRC #4
; Sets the number of repetitions (4) to
the RC[11:0] bits of the SR register
; If RE-RS==-4 during SETRC instruction
execution, the repeat loop is regarded
as one-instruction repeat.
RptDtct:
instr0
; An instruction prior to the Repeat
start instruction is regarded as a
repeat detection instruction.
RptStart:
RptEnd:
instr1
; [Repeat start instruction]==[Repeat end
instruction]
In repeat loops consisting of three instructions, two instructions and one instruction, specific
addresses are specified in the RS register. RE – RS is calculated during SETRC instruction
execution, and the number of instructions included in the repeat loop is determined according to
the result. A value of 0, –2,and –4 in the result correspond to three instructions, two instructions,
and one instruction, respectively.
If repeat instruction execution is completed without branching and if RC[11:0] > 0, an instruction
following the repeat detection instruction is regarded as a repeat start instruction and instruction
execution is repeated for the number of times corresponding to the recognized number of
instructions. If RC[11:0]
≥ 2 when the repeat end instruction is completed, the RC[11:0] is
decremented by 1 and then control is passed to the address specified by the RS register. If
RC[11:0] ==1 (or 0) when the repeat end instruction is completed, the RC[11:0] is cleared to 0 and
then the control is passed to the next instruction following the repeat end instruction.
Note:
If RE – RS is a positive value, the CPU regards the repeat loop as a four-instruction repeat
loop. (In a repeat loop consisting of four or more instructions, RE – RS is always a
positive value. For details, refer to example 1 above.) If RE – RS is positive, or a value
other than 0, –2,and –4, correct operation cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com