Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 147Page - Renesas Technology Corp SH7721 Datasheet HTML 148Page - Renesas Technology Corp SH7721 Datasheet HTML 149Page - Renesas Technology Corp SH7721 Datasheet HTML 150Page - Renesas Technology Corp SH7721 Datasheet HTML 151Page - Renesas Technology Corp SH7721 Datasheet HTML 152Page - Renesas Technology Corp SH7721 Datasheet HTML 153Page - Renesas Technology Corp SH7721 Datasheet HTML 154Page - Renesas Technology Corp SH7721 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 89 of 1458
REJ09B0033-0300
3.3
CPU Extended Instructions
3.3.1
DSP Repeat Control
In DSP mode, a specific function is provided to execute repeat loops efficiently. By using this
function, loop programs can be executed without overhead caused by the compare and branch
instructions.
(1)
Examples of Repeat Loop Programs
Examples of repeat loop programs are shown below.
• Example 1: Repeat loop consisting of 4 or more instructions
LDRS RptStart
; Sets repeat start instruction address
to the RS register
LDRE RptDtct +4
; Sets (repeat detection instruction
address + 4) to the RE register
SETRC #4
; Sets the number of repetitions (4) to
the RC[11:0] bits of the SR register
Instr0
; At least one instruction is required
from SETRC instruction to [Repeat start
instruction]
RptStart: instr1
; [Repeat start instruction]
... ...
;
... ...
;
RptDtct:
instr(N-3)
;Three instruction prior to the repeat
end instruction is regarded as repeat
detection instruction
RptEnd2:
instr(N-2)
;
RptEnd1:
instr(N-1)
;
RptEnd:
instrN
; [Repeat end instruction]
In the above program example, instructions from the RptStart address (instr1 instruction) to the
RptEnd address (instrN instruction) are repeated four times. These repeated instructions in the
program are called repeat loop. The start and end instructions of the repeat loop are called the
repeat start instruction and repeat end instruction, respectively. The CPU sequentially executes
instructions and starts repeat loop control if the CPU detects the completion of a specific
instruction. This specific instruction is called the repeat detection instruction. In a repeat loop
consisting of four or more instructions, an instruction three instructions prior to the repeat end
instruction is regarded as the repeat detection instruction. In a repeat loop consisting of four or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com