Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7721 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 142Page - Renesas Technology Corp SH7721 Datasheet HTML 143Page - Renesas Technology Corp SH7721 Datasheet HTML 144Page - Renesas Technology Corp SH7721 Datasheet HTML 145Page - Renesas Technology Corp SH7721 Datasheet HTML 146Page - Renesas Technology Corp SH7721 Datasheet HTML 147Page - Renesas Technology Corp SH7721 Datasheet HTML 148Page - Renesas Technology Corp SH7721 Datasheet HTML 149Page - Renesas Technology Corp SH7721 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 84 of 1458
REJ09B0033-0300
Table 3.2
Virtual Address Space
Address Range
Name
Protection
Description
H'A5000000 to H'A5FFFFFF
P2/Uxy
Privileged or
DSP
16-Mbyte physical address space,
non-cacheable, non-address
translatable
Can be accessed in privileged mode,
privileged DSP mode, and user DSP
mode
3.2.3
CPU Register Sets
In DSP mode, the status register (SR) in the CPU unit is extended to add control bits and three
control registers: a repeat start register (SR), repeat end register (RE), and modulo register (MOD)
are added as control registers.
31
31
31
31
16 15
0
0
0
30
29
28 27
16
15
14
13
12
11
10
9876543210
0
MD
RB
BL
RC[11:0]
0
0
0
DSP DMY DMX M
Q
I3
I2
I1
I0
RF1 RF0
S
T
ME
MS
RS
RE
Repeat start register (RS)
Status Register
(SR)
Repeat end register (RE)
MODulo register (MOD)
Figure 3.2 CPU Registers in DSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com