Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 131 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 131 Page - Intel Corporation

Back Button 6402 Datasheet HTML 127Page - Intel Corporation 6402 Datasheet HTML 128Page - Intel Corporation 6402 Datasheet HTML 129Page - Intel Corporation 6402 Datasheet HTML 130Page - Intel Corporation 6402 Datasheet HTML 131Page - Intel Corporation 6402 Datasheet HTML 132Page - Intel Corporation 6402 Datasheet HTML 133Page - Intel Corporation 6402 Datasheet HTML 134Page - Intel Corporation 6402 Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
131
DDR MemBIST
To use this feature, MemBIST must be set to continue on error by clearing MBCSR:halt.
Otherwise MemBIST will halt on detecting the first failure and later failures will not be
detected or logged. Neither setting of the failure bit, nor halting on failure detection is
affected by a non-zero value in MBFADDRPTR.
The general procedure for using this feature is to run MemBIST, read and record the
address and data failure information from the logs, and then add the number of failure
logs received to the value in MBFADDRPTR to cause the failure information already
captured to be ignored on the next pass. This process is repeated until MemBIST
completes with zeros in the address logs. This indicates that no further errors were
detected beyond those already logged. (Watch the case of decrementing addressing
ending at address 0. A failure at address 0 with failure data of zero is possible.)
To generate a complete data log of all failures, use the following procedure:
1. Define starting and ending addresses, address modes and data patterns, set
MBFADDRPTR to zero, set halt on error to 0 (don’t halt on error).
2. Start MemBIST and check the result. If pass, exit. If fail, continue.
3. Read out the failing addresses and data. If the address and data logs are zero (and
the address space covered by this pass of MemBIST does not include address 0),
exit, as all failures have been seen. Otherwise, continue. (If the address space
covered by this pass of MemBIST does include address 0, and it is ambiguous
whether or not address 0 has failed, the ambiguity can be resolved by retesting
only address 0.)
4. Add the number of complete logs (for which both address and data were read)
obtained during this pass to the value in MBFADDRPTR so that these failures will
not be seen again on the next pass of MemBIST.
5. Go to step 2
11.3.6
DRAM Throttling
MemBIST can generate high DRAM bandwidth and consequently, high power
consumption and thermal stress. Although this is manageable in a dedicated test
environment, a system’s power and cooling capacity may be exceeded. For this reason
MemBIST allows insertion of deselect cycles on every address change. The deselects
will be inserted after each read or write command. This allows slowing down BIST
execution if necessary to stay within a given power or cooling envelope.
11.3.7
Refresh Control
In normal operation, refresh commands are issued by the host rather than by the AMB.
However, during MemBIST, when commands to the DRAM originate from the AMB,
refresh must be provided by MemBIST. The refresh and MemBIST state machines are
implemented as separate state machines, allowing refresh when MemBIST is not
active. The refresh interval is programmable by setting a 15 bit refresh counter. For
example, at the maximum address frequency of 400 Mhz (250 pS), 3120 clocks are
needed to achieve the nominal refresh interval of 7.8 µS. The maximum interval in this
case will be 81.9 µS. The default refresh value should be usable in most circumstances.
The refresh interval may be programmed to other values to meet special needs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com