Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 133 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 133 Page - Intel Corporation

Back Button 6402 Datasheet HTML 129Page - Intel Corporation 6402 Datasheet HTML 130Page - Intel Corporation 6402 Datasheet HTML 131Page - Intel Corporation 6402 Datasheet HTML 132Page - Intel Corporation 6402 Datasheet HTML 133Page - Intel Corporation 6402 Datasheet HTML 134Page - Intel Corporation 6402 Datasheet HTML 135Page - Intel Corporation 6402 Datasheet HTML 136Page - Intel Corporation 6402 Datasheet HTML 137Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
133
DDR MemBIST
3. No user data is required, as fixed data (selected in MBCSR) will be used for this
test. Therefore, the MBDATA[9:0] and MBLFSRSED registers are not written.
4. Program MBCSR.
These fields are required for the specified test:
— Program DTYPE (bits [9:8]) to 00 to select fixed data pattern.
— Program ATYPE (bits [7:6]) to 10 to use the address range already defined in
the MB_START_ADDR and MB_END_ADDR registers.
— Select either Rank 0 or Rank 1 by programming CS (bits [21:20]).
— MBDATA (bit 14) and ENABLE288 (bit 15) are not relevant when fixed data has
been selected. INVERT (bit 19) is unnecessary for fixed data, since the data
choices include inverses for all fixed data patterns. Rewrite these fields with
their default values.
The values for these fields can be selected to choose options for use during
MemBIST operation:
— Program ABAR (bit 13) to select DAI if desired.
— Either program CMD (bits [5:4]) to be “01” (write only without data
comparison) or “11” (write followed by read with data comparison).
— Program FAST (bits [11:10]) to select Fast X, Fast Y, Fast XY, or XZY
(column->bank->row) address sequencing.
— Program ADIR (bit 12) to select whether addresses should increment or
decrement.
— Program FIXED (bits [18:16]) to specify which fixed data pattern to apply.
Set these control values to start the MemBIST engine.
— Set ALGO (bits 26:24) to 0 to prevent the algorithm engine from overwriting
bits it controls in MBCSR.
— Set ABORT (bit 28) to 0.
— Clear PF (bit 30). Hardware will set this bit if a failure is detected.
— If desired to halt whenever there is an error, set HALT (bit 29).
— Set START (bit 31) to 1 to start MemBIST execution.
5. Check the MemBIST results, and if checking was enabled, observe failure data or
address through MBDATA registers and MB_ERR_DATA registers:
— Check MBCSR:start. 0 means MemBIST has completed. Check MBCSR:PF. 1
means a failure has occurred.
— Failure data bit location accumulator will be stored in MBDATA[8, 3:0].
— Up to 5 failure addresses will be placed in MBDATA[9, 7:4]
— Failure data will be stored in MB_ERR_DATA[3:0][4:0] registers.
11.4.2
Write Random Data to a Range of DRAM Addresses and
Check
This describes writing randomly generated data to a range of DRAM addresses and
checking this data.
1. Set up registers for normal DRAM operation.
2. Program MB_START_ADDR and MB_END_ADDR registers to the desired address
range to be tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com