Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 178 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 178 Page - Intel Corporation

Back Button 6402 Datasheet HTML 174Page - Intel Corporation 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation 6402 Datasheet HTML 179Page - Intel Corporation 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 250 page
background image
Registers
178
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.3.1.14 FBDLOCKTO: FBD Bit Lock Time Out Register
This register contains the bit lock time out value. This value is used by the to figure out
when it should stop waiting for lanes to bit lock and make forward progress. The
register also contains the width that the host is going to be starting with on the NB
side. This will be used to mask off lanes for initial bit lock decision
14.3.1.15 FBDHAC: FBD Hot Add Control
This register contains control to aid in hot add functionality.
14.3.1.16 FBDLS: FBD Link Status
This register reports AMB FBD link status.
Device:
NodeID
Function: 1
Offset:
68h
Bit
Attr
Default
Description
15:2
RWST
0594h
BLTOCNT: Bit Lock Time Out Counter
default: 1428 frames
1:0
RWST
0h
NBLINKCFG: Northbound Link Config
00 = 14 lane
01 = 13 lane
10 = 12 lane
11 = reserved
Device:
NodeID
Function: 1
Offset:
6Ch
Bit
Attr
Default
Description
7:2
RV
0
Reserved
1
RO
0
NB_DATA_ALL_ONES_FLAG:
• 1 = Receiving ones on sufficient NB lanes to support init
• 0 = Not receiving calibrate handshake on NB Rx
0
RW
0
DRIVE_ONES_SB:
• 1 = Enable SB Tx Outputs and drive one’s
• 0 = Normal operation
Device:
NodeID
Function: 1
Offset:
6Eh
Bit
Attr
Default
Description
7:3
RV
0h
Reserved
2RO
0
NLQS: Northbound Lane Electrical Status
‘1’ = Northbound lanes are quiesced
‘0’ = Northbound lanes are active
1RO
0
SLQS: Southbound Lane Electrical Status
‘1’ = Southbound lanes are quiesced
‘0’ = Southbound lanes are active
0RO
0
LNKRDY: Link Ready
‘1’ = FBD link is ready to accept requests and deliver responses
‘0’ = FBD link is not ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com