Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 174 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 174 Page - Intel Corporation

Back Button 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation 6402 Datasheet HTML 173Page - Intel Corporation 6402 Datasheet HTML 174Page - Intel Corporation 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 250 page
background image
Registers
174
Intel® 6400/6402 Advanced Memory Buffer Datasheet
6RO
0
TS2RESP: Responded to a TS2 packet addressed to it
1: TS2 was addressed to this AMB
• In polling mode - DS matches TS2 AMB_ID value
• Undefined in other states
5RO
0
SB2NBLBMAP: Specifies if upper or lower SB lanes are reflected in
TS1
Valid only during testing phase (TS1)
1 = upper SB bit lanes
0 = lower SB lanes
4RO
0
LASTAMBFLAG: Indicates if this AMB is acting like the last AMB
• In Disable, Calibrate - always 0.
• In training - Set if DS matches TS0 AMB_ID value
• Retains value after training till next reset.
3:0
RO
0h
LINITST: Link initialization state
Encoding is
• 0000 - Disable
• 0001 - Calibrate
• 0010 - Training
• 0011 - Testing
• 0100 - Polling
• 0101 - Config
• 0110 - L0
• 0111 - L0s
• 1000 - Recalibrate
Device:
NodeID
Function: 1
Offset:
64h
Bit
Attr
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com