Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 170 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 170 Page - Intel Corporation

Back Button 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation 6402 Datasheet HTML 173Page - Intel Corporation 6402 Datasheet HTML 174Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 250 page
background image
Registers
170
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.2.4
CCR: Class Code Register
This register contains the Class Code for the AMB, specifying the device function.
14.2.5
HDR: Header Type Register
This register identifies the header layout of the configuration space.
14.3
FBD Link Registers (Function 1)
14.3.1
FBD Link Control and Status
14.3.1.1
FBDS0: FBD Status 0
This register contains copies of status bits returned by the AMB in the most recent
northbound status frame when SYNC command R[1:0] field is 2’b00.
In the absence of SYNCs to this register, this register is not updated.
Device:
NodeID
Function: 0
Offset:
09h
Bit
Attr
Default
Description
23:16
RO
05h
Base Class.
This field indicates the general device category. For the AMB, this field is hardwired
to 05h, indicating it is a “memory controller”.
15:8
RO
00h
Sub-Class.
This field qualifies the Base Class, providing a more detailed specification of the
device function. For the AMB, this field is hardwired to 00h, indicating it is a “RAM”.
7:0
RO
00h
Register-Level Programming Interface.
This field identifies a specific programming interface (if any), that device
independent software can use to interact with the device. There are no such
interfaces defined for “memory controllers”.
Device:
NodeID
Function: 0
Offset:
0Eh
Bit
Attr
Default
Description
7RO
1
Multi-function Device.
Selects whether this is a multi-function device, that may have alternative
configuration layouts. The AMB has more than the 256 bytes of configuration
registers allotted to a single function. Therefore, the AMB is defined to be a
multifunction device, and this bit is hardwired to 1.
6:0
RO
00h
Configuration Layout.
This field identifies the format of the 10h through 3Fh space. The AMB uses header
type “00”: these bits are hardwired to 00h.
Device:
NodeID
Function: 1
Offset:
40h
Bit
Att
r
Default
Description
7:5
RV
0h
Reserved
4
RO
0h
SP: Parity: This bit contains an odd parity bit that covers the S[3:0] field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com