Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 167 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 167 Page - Intel Corporation

Back Button 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
167
Registers
Table 14-9. Function 5: DFX Registers
RESERVED
00h
80h
RESERVED
04h
84h
RESERVED
08h
88h
RESERVED
0Ch
8Ch
10h
90h
14h
94h
18h
98h
1Ch
9Ch
20h
A0h
24h
A4h
28h
A8h
2Ch
ACh
30h
B0h
34h
B4h
38h
LAI
B8h
TRANSCFG
3Ch
SBMATCHU
BCh
TRANDERR1
TRANDERR0
40h
SBMATCHL0
C0h
TRANDERR3
TRANDERR2
44h
SBMATCHL1
C4h
TRANDERR5
TRANDERR4
48h
SBMATCHL2
C8h
TRANDERR7
TRANDERR6
4Ch
SBMASKU
CCh
TRANDERR8
50h
SBMASKL0
D0h
54h
SBMASKL1
D4h
58h
SBMASKL2
D8h
5Ch
MMEVENTSEL
DCh
60h
EVENTSEL0
E0h
64h
EVENTSEL1
E4h
68h
EVENTSEL2
E8h
6Ch
ECh
70h
EVENT
F0h
74h
EVBUS
F4h
78h
F8h
7Ch
STUCKL
EICNTL
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com