Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 166 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 166 Page - Intel Corporation

Back Button 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 250 page
background image
Registers
166
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Table 14-8. Function 4: Implementation Specific DDR Initialization and Calibration
Registers
00h
DCALDATA5
9
DCALDATA5
8
DCALDATA5
7
DCALDATA5
6
80h
04h
DCALDATA6
3
DCALDATA6
2
DCALDATA6
1
DCALDATA6
0
84h
08h
DCALDATA6
7
DCALDATA6
6
DCALDATA6
5
DCALDATA6
4
88h
0Ch
DCALDATA7
1
DCALDATA7
0
DCALDATA6
9
DCALDATA6
8
8Ch
10h
DDBISTLM
90h
14h
RCVENAC
94h
18h
DSRETC
98h
1Ch
DQSFAIL1
9Ch
20h
DRRTC00
A0h
24h
DRRTC01
A4h
28h
A8h
2Ch
ACh
30h
DQSOFCS00
B0h
34h
DQSOFCS01
B4h
38h
DQSOFCS10
B8h
3Ch
DQSOFCS11
BCh
DCALCSR
40h
DQSOFC
S12
DQSOFC
S02
DRRTC0
2
C0h
DCALADDR
44h
DRAMDLLC
C4h
DCALDATA
3
DCALDATA
2
DCALDATA
1
DCALDATA
0
48h
WPTRTC0
C8h
DCALDATA
7
DCALDATA
6
DCALDATA
5
DCALDATA
4
4Ch
WPTRT
C1
CCh
DCALDATA
11
DCALDATA
10
DCALDATA
9
DCALDATA
8
50h
DDQSCVDP0
D0h
DCALDATA
15
DCALDATA
14
DCALDATA
13
DCALDATA
12
54h
DDQSCVDP1
D4h
DCALDATA
19
DCALDATA
18
DCALDATA
17
DCALDATA
16
58h
DDQSCADP0
D8h
DCALDATA
23
DCALDATA
22
DCALDATA
21
DCALDATA
20
5Ch
DDQSCADP1
DCh
DCALDATA
27
DCALDATA
26
DCALDATA
25
DCALDATA
24
60h
DRRTC00
E0h
DCALDATA
31
DCALDATA
30
DCALDATA
29
DCALDATA
28
64h
E4h
DCALDAT
A35
DCALDAT
A34
DCALDAT
A33
DCALDAT
A32
68h
FIVESREG
E8h
DCALDAT
A39
DCALDAT
A38
DCALDAT
A37
DCALDAT
A36
6Ch
AAAAREG
ECh
DCALDAT
A43
DCALDAT
A42
DCALDAT
A41
DCALDAT
A40
70h
DIOMON
F0h
DCALDAT
A47
DCALDAT
A46
DCALDAT
A45
DCALDAT
A44
74h
ODTZTC
F4h
DCALDAT
A51
DCALDAT
A50
DCALDAT
A49
DCALDAT
A48
78h
DRAMISCTL
F8h
DCALDAT
A55
DCALDAT
A54
DCALDAT
A53
DCALDAT
A52
7Ch
DDR2O
DTC
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com