Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 163 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 163 Page - Intel Corporation

Back Button 6402 Datasheet HTML 159Page - Intel Corporation 6402 Datasheet HTML 160Page - Intel Corporation 6402 Datasheet HTML 161Page - Intel Corporation 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
163
Registers
Table 14-5. Function 1: FBD Link Registers
00h
80h
04h
84h
08h
CBC
88h
0Ch
EMASK
8Ch
10h
FERR
90h
14h
NERR
94h
18h
RECCFG
98h
1Ch
RECFBD1
RECFBD0
9Ch
20h
RECFBD3
RECFBD2
A0h
24h
RECFBD5
RECFBD4
A4h
28h
RECFBD7
RECFBD6
A8h
2Ch
RECFBD9
RECFBD8
ACh
30h
SPDPAR23NXT
SPDPAR01NXT
B0h
34h
SPDPAR67NXT
SPDPAR45NXT
B4h
38h
SPDPAR1011NXT
SPDPAR89NXT
B8h
3Ch
SPDPAR
13NXT
SPDPAR
12NXT
BCh
FBDS3
FBDS2
FBDS1
FBDS0
40h
SPDPAR23CUR
SPDPAR01CUR
C0h
44h
SPDPAR67CUR
SPDPAR45CUR
C4h
48h
SPDPAR1011CUR
SPDPAR89CUR
C8h
4Ch
SPDPAR
13CUR
SPDPAR
12CUR
CCh
LINKPARCUR
FBDNBC
FGCUR
FBDSBC
FGCUR
50h
D0h
LINKPARNXT
FBDNBC
FGNXT
FBDSBC
FGNXT
54h
D4h
58h
D8h
MODES
5Ch
DCh
FEATURES
60h
E0h
FBDLIS
64h
E4h
FBDLOCKTO
68h
C2DINCRC
UR
C2DINCR
NXT
CMD2DAT
ACUR
CMD2DA
TANXT
E8h
FBDLS
FBDHAC
6Ch
ECh
RECALDU
R
70h
F0h
74h
F4h
SYNCTR
AININT
78h
F8h
NBCALSTATUS
SBCALSTATUS
7Ch
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com