Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 160 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 160 Page - Intel Corporation

Back Button 6402 Datasheet HTML 156Page - Intel Corporation 6402 Datasheet HTML 157Page - Intel Corporation 6402 Datasheet HTML 158Page - Intel Corporation 6402 Datasheet HTML 159Page - Intel Corporation 6402 Datasheet HTML 160Page - Intel Corporation 6402 Datasheet HTML 161Page - Intel Corporation 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 250 page
background image
Registers
160
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.1.4
Register Attribute Definition
Table 14-2. Register Attributes Definitions
Attribute
Abbreviation
Description
Read Only
RO
This bit is set by the hardware. Software can only read the bit. Writes to
the register have no effect.
Write Only
WO
The bit is not implemented as a bit. The write causes some hardware
event to take place. Read returns all zeroes.
Read/Write
RW
The bit can be read or written by software.
Read/Write /
Clear
RWC
The bit can be either read or cleared by software. In order to clear a bit,
the software must write a one to it. Writing a zero to an RWC bit will have
no effect. Hardware will set this bit.
Read/Write /
Set
RWS
The bit can be either read or set by software. In order to set this RWS bit,
the software must write a one to it. Writing a zero to an RWS bit will have
no effect. Hardware will clear this bit.
Read/Write
Lock
RWL
The bit can be read and written by software. Hardware or a configuration
bit can lock this bit and prevent it from being updated.
Read/Write
Once
RWO
The bit can be read by software. It can also be written by software but the
hardware prevents writing/setting it more than once without a prior
“effective” reset. This protection applies on a byte-by-byte basis. For
example, if a two-bit RWO field straddles a byte boundary and only one
byte is written, then the written bit cannot be rewritten (unless reset).
However, the unwritten bit can still be written once. This is a special form
of RWL
Read/Restricted
Write
RRW
The bit field can be read by software. Only a restricted set of values can
be written through a configuration write in-band from the host. Illegal
values will be aborted and dropped.
Sticky
All of the above
with “ST”
appended to the
end
The bit is “sticky” or unchanged by a link reset. These bits can only be
defaulted by a power-up reset.
Reserved
RV
This bit is reserved for future expansion and must not be written. The PCI
Local Bus Specification, Revision 2.2 requires that reserved bits must be
preserved. Any software that modifies a register that contains a reserved
bit is responsible for reading the register, modifying the desired bits, and
writing back the result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com