Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 157 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 157 Page - Intel Corporation

Back Button 6402 Datasheet HTML 153Page - Intel Corporation 6402 Datasheet HTML 154Page - Intel Corporation 6402 Datasheet HTML 155Page - Intel Corporation 6402 Datasheet HTML 156Page - Intel Corporation 6402 Datasheet HTML 157Page - Intel Corporation 6402 Datasheet HTML 158Page - Intel Corporation 6402 Datasheet HTML 159Page - Intel Corporation 6402 Datasheet HTML 160Page - Intel Corporation 6402 Datasheet HTML 161Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
157
Signal Lists
ODT0A, ODT0B
O
DIMM On-Die-Termination: Dynamic ODT enables for each DIMM on the channel.
CLK[3:0]
O
Clock: Clocks to DRAMs. CLK0 and CLK1 are always used. CLK2 and CLK3 are optional and
may be disabled when not required.
CLK[3:0]
O
Clock Complement: Clocks to DRAMs.
DDR Compensation
DDRC_C14
A
DDR Compensation Common: Common return (ground) pin for DDRC_B18 and DDRC_C18
DDRC_B18
A
DDR Compensation Ball Resistor connected to Compensation Common above
DDRC_C18
A
DDR Compensation Ball Resistor connected to Compensation Common above
DDRC_B12
A
DDR Compensation Ball Resistor connected to VSS
DDRC_C12
A
DDR Compensation Ball Resistor connected to VDD
Clocking
SCK
I
AMB Clock: This is one of the two differential reference clock inputs to the Phase Locked Loop
in the AMB core. Phase Locked Loops in the AMB will shift this to all frequencies required by
the core, DDR channels, and FBD Channel.
SCK
IAMB Clock Complement: This is the other differential reference clock input to the Phase
Locked Loop in the AMB core. Phase Locked Loops in the AMB will shift this to all frequencies
required by the core, DDR channels, and FBD Channel.
VCCAPLL
A
VCC: PLL Analog Voltage for the core PLL (See Chapter 8, Clocking)
VSSAPLL
A
VSS: PLL Analog Voltage for the core PLL (See Chapter 8, Clocking)
System Management
SCL
I/O
SMBus Clock
SDA
I/O
SMBus Address/Data
SA[2:0]
DIMM Select ID
Reset
RESET#
Power Good Reset
Miscellaneous Test
TEST (6 pins)
NC
Pin for debug and test. Must be floated on DIMM.
TESTLO (3 pins)
A
Pin for debug and test. Must be tied to Ground on DIMM
TESTLO_AB20
A
Pin for debug and test. Connected to two resistors. One resistor is connected to VCCFBD,
the other resistor is connected to VSS.
TESTLO_AC20
A
Pin for debug and test. Connected to two resistors. One resistor is connected to VCCFBD,
the other resistor is connected to VSS.
Power Supplies
VCC (2pins)
A
1.5V nominal supply for core logic
VCCFBD (8 pins)
A
1.5V nominal supply for FBD high speed I/O
VDD (24 pins)
A
1.8V nominal supply for DDR I/O
VSS (156 pins)
A
Ground
VDDSPD
A
3.3V nominal supply for SMB receivers and ESD diodes
Other Pins
BFUNC
I
Buffer Function Bit: When BFUNC = 0, AMB is used as a regular buffer on FB-DIMM. When
BFUNC = 1, AMB is used as either a repeater or a buffer for LAI function. On FB-DIMM, BFUNC
is tied to Ground
RFU (18 pins)
NC
Reserved for Future Use. Must be floated on DIMM. RFU pins denoted by “a” are reserved
for forwarded clocks in future AMB implementations.
Other No Connect Pins
NC (129 pins)
NC
No Connect pins
Table 13-3. Pin Description (Sheet 2 of 2)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com