Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 155 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 155 Page - Intel Corporation

Back Button 6402 Datasheet HTML 151Page - Intel Corporation 6402 Datasheet HTML 152Page - Intel Corporation 6402 Datasheet HTML 153Page - Intel Corporation 6402 Datasheet HTML 154Page - Intel Corporation 6402 Datasheet HTML 155Page - Intel Corporation 6402 Datasheet HTML 156Page - Intel Corporation 6402 Datasheet HTML 157Page - Intel Corporation 6402 Datasheet HTML 158Page - Intel Corporation 6402 Datasheet HTML 159Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
155
Signal Lists
13
Signal Lists
13.1
Conventions
The terms assertion and de-assertion are used extensively when describing signals, to
avoid confusion when working with a mix of active-high and active-low signals. The
term assert, or assertion, indicates that the signal is active, independent of whether the
active level is represented by a high or low voltage. The term de-assert, or de-
assertion, indicates that the signal is inactive.
Signal names may or may not have a “#” at appended to them. The “#” symbol at the
end of a signal name indicates that the active, or asserted state occurs when the signal
is at a low voltage level. When “#” is not present after the signal name the signal is
asserted when at the high voltage level.
Differential pairs use the “#” to indicate the “negative” signal in the pair. The “positive”
signal in When discussing data values used inside the component, the logical value is
used; that is, a data value described as “1101b” would appear as “1101b” on an active-
high bus, and as “0010b” on an active-low bus. When discussing the assertion of a
value on the actual signal, the physical value is used; that is, asserting an active-low
signal produces a “0” value on the signal.
Typical frequencies of operation for the fastest operating modes are indicated. Test
guardbands are not included. No frequency is mentioned for asynchronous or analog
signals.
Some signals or groups of signals have multiple versions. These signal groups may
represent distinct but similar ports or interfaces, or may represent identical copies of
the signal used to reduce loading effects. Table 13-1 shows the conventions used in this
document
.
Curly-bracketed non-trailing numerical indices, for example, “{X/Y}”, represent
replications of major buses. Square-bracketed numerical indices, , “[n:m]” represent
functionally similar but logically distinct bus signals; each signal provides an
independent control, and may or may not be asserted at the same time as the other
signals in the grouping. In contrast, trailing curly-bracketed numerical indices, for
example, “{x/y}” typically represent identical duplicates of a signal; such duplicates
are provided for electrical reasons.
Table 13-2 lists the reference terminology used for signal types.
Table 13-1. Signal Naming Conventions
Convention
Expands to
RR{0/1/2}XX
Expands to: RR0XX, RR1XX, and RR2XX. This denotes
similar signals on replicated buses.
RR[2:0]
Expands to: RR[2], RR[1], and RR[0]. This denotes a
bus.
RR{0/1/2}
Expands to: RR2, RR1, and RR0. This denotes electrical
duplicates.
RR# or RR[2:0]# Denotes an active low signal or bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com