Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 156 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 156 Page - Intel Corporation

Back Button 6402 Datasheet HTML 152Page - Intel Corporation 6402 Datasheet HTML 153Page - Intel Corporation 6402 Datasheet HTML 154Page - Intel Corporation 6402 Datasheet HTML 155Page - Intel Corporation 6402 Datasheet HTML 156Page - Intel Corporation 6402 Datasheet HTML 157Page - Intel Corporation 6402 Datasheet HTML 158Page - Intel Corporation 6402 Datasheet HTML 159Page - Intel Corporation 6402 Datasheet HTML 160Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 250 page
background image
Signal Lists
156
Intel® 6400/6402 Advanced Memory Buffer Datasheet
13.2
Intel 6400/6402 Advanced Memory Buffer (AMB)
Pin Description List
Table 13-3 describes the Intel 6400/6402 Advanced Memory Buffer (AMB)
packagepins.
Table 13-2. Buffer Signal Types
Buffer
Direction
Description
IInput signal
OOutput signal
AAnalog
I/O
Bidirectional (input/output) signal
Table 13-3. Pin Description (Sheet 1 of 2)
Signal
Type
Description
Channel Interface
PN[13:0]
O
Northbound Output Data: High speed serial signal. Read path from AMB toward host on
primary side of the DIMM connector.
PN[13:0]
O
Northbound Output Data Complement
SN[13:0]
I
Northbound Input Data: High speed serial signal. Read path from the previous AMB toward
this AMB on secondary side of the DIMM connector.
SN[13:0]
I
Northbound Input Data Complement
PS[9:0]
I
Southbound Input Data: High speed serial signal. Write path from host toward AMB on
primary side of the DIMM connector.
PS[9:0]
I
Southbound Input Data Complement
SS[9:0]
O
Southbound Output Data: High speed serial signal. Write path from this AMB toward next
AMB on secondary side of the DIMM connector. These output buffers are disabled for the last
AMB on the channel.
SS[9:0]
O
Southbound Output Data Complement
FBDRES
A
External precision resistor connected to VCC. On-die termination calibrated against this
resistor.
DRAM Interface
CB[7:0]
I/O
Check bits
DQ[63:0]
I/O
Data
DQS[17:0]
I/O
Data Strobe: DDR2 data and check-bit strobe.
DQS[17:0]
I/O
Data Strobe Complement: DDR2 data and check-bit strobe complements.
A0A-A15A,
A0B-A15B
O
Address: Used for providing multiplexed row and column address to SDRAM.
BA0A-BA2A,
BA0B-BA2B
O
Bank Active: Used to select the bank within a rank.
RASA, RASBO
Row Address Strobe: Used with CS, CAS, and WE to specify the SDRAM command.
CASA, CASBO
Column Address Strobe: Used with CS, RAS, and WE to specify the SDRAM command.
WEA, WEBO
Write Enable: Used with CS, CAS, and RAS to specify the SDRAM command.
CS0A-CS1A,
CS0B-CS1B
O
Chip Select: Used with CAS, RAS, and WE to specify the SDRAM command. These signals are
used for selecting one of two SDRAM ranks. CS0 is used to select the first rank and CS1 is
used to select the second rank.
CKE0A-CKE1A,
CKE0B-CKE1B
O
Clock Enable: DIMM command register enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com