Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 161 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 161 Page - Intel Corporation

Back Button 6402 Datasheet HTML 157Page - Intel Corporation 6402 Datasheet HTML 158Page - Intel Corporation 6402 Datasheet HTML 159Page - Intel Corporation 6402 Datasheet HTML 160Page - Intel Corporation 6402 Datasheet HTML 161Page - Intel Corporation 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
161
Registers
14.1.5
Binary Number Notation
When references are made to binary numbers, the following notation is used:
n’bXX
n - number of digits
b - indicates binary
XX - binary value
For example, 2’b01 is two binary digital of value “01”.
14.1.6
Function Mapping
The following functions are described in this chapter:
0) PCI Standard Header Identification Registers
1) FBD Link Registers
2) Implementation Specific FBD Registers
3) DDR and Miscellaneous Registers
4) Implementation Specific DDR Initialization and Calibration Registers
5) DFX Registers
6) Bring-up and Debug Registers
Table 14-3. Function Mapping Legend
Fill
Description
RegName
Required Architected Register”RegName” in these bytes
Reserved
Reserved Register for future architecture in these bytes
RegName
Optional Architected Register”RegName” in these bytes
• No Implementation Specific Registers usage
recommended
Unused Register location available for Implementation
Specific use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com