Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 165 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 165 Page - Intel Corporation

Back Button 6402 Datasheet HTML 161Page - Intel Corporation 6402 Datasheet HTML 162Page - Intel Corporation 6402 Datasheet HTML 163Page - Intel Corporation 6402 Datasheet HTML 164Page - Intel Corporation 6402 Datasheet HTML 165Page - Intel Corporation 6402 Datasheet HTML 166Page - Intel Corporation 6402 Datasheet HTML 167Page - Intel Corporation 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
165
Registers
Table 14-7. Function 3: DDR and Miscellaneous Registers
00h
UPDATED
TEMPHI
TEMPMID
TEMPLO
80h
04h
TEMP
TEMPSTAT
84h
08h
88h
0Ch
8Ch
10h
90h
14h
94h
18h
98h
1Ch
MB_START_ADDR
9Ch
20h
MB_END_ADDR
A0h
24h
MB_LFSR
A4h
28h
MBFADDRPTR
A8h
2Ch
ACh
30h
MB_ERR_DATA00
B0h
34h
MB_ERR_DATA01
B4h
38h
MB_ERR_DATA02
B8h
3Ch
MB_ERR_DATA03
BCh
MBCSR
40h
MB_ERR_DATA04
C0h
MBADDR
44h
C4h
MBDATA0
48h
C8h
MBDATA1
4Ch
CCh
MBDATA2
50h
D0h
MBDATA3
54h
D4h
MBDATA4
58h
D8h
MBDATA5
5Ch
DCh
MBDATA6
60h
E0h
MBDATA7
64h
E4h
MBDATA8
68h
E8h
MBDATA9
6Ch
ECh
DAREFTC
70h
F0h
MTR
DSREFTC
74h
F4h
DRT
78h
F8h
DRC
7Ch
FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com