Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 173 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 173 Page - Intel Corporation

Back Button 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation 6402 Datasheet HTML 173Page - Intel Corporation 6402 Datasheet HTML 174Page - Intel Corporation 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
173
Registers
14.3.1.7
FBDLIS: FBD Link Initialization Status
This register reports FBD initialization status and is only valid when the link is up since
it is not sticky.
10
RO
0
VARLAT: Variable Read Latency Mode
• 1 = Support Variable Read Latency on data returns
• 0 = Not supported
9RO
1
LAI: Logic Analyzer Interface Mode
• 1 = Support remapping DDR interface as Logic Analyzer Interface
• 0 = Not supported
8RO
0
DMASK: Data Mask for non-ECC Write Data
• 1 = Support data mask with non-ECC Write
• 0 = Not supported
7RO
0
L0S: Low Power Link State
• 1 = Support L0s state
• 0 = Not supported
6:2
RO
1Eh
NBWC: Northbound Width Capability
• 1XXXX = 14 bits NB width supported
• X1XXX = 14bits fail over to 13 bits mode supported.
• XX1XX = 13 bits NB width supported
• XXX1X = 13 bits fail over to 12 bits mode supported.
1:0
RO
01
SBWC: Southbound Width Capability
• X1 = 10 SB bits: Device supports 10-bits and 10-bit fail-over to 9-bits.
Both configurations deliver 72-bits of data payload frame.
•1X = Reserved
Device:
NodeID
Function: 1
Offset:
60h
Bit
Attr
Default
Description
Device:
NodeID
Function: 1
Offset:
64h
Bit
Attr
Default
Description
31:20
RV
0
Reserved
19
RO
0
DATAMERGEERROR: NorthBound Data Merge Error
•1 = NB merge error
18
ROST
0
NBMERGEDIS: NorthBound Merge Disable
Set by TS2 packet addressed to it
•1 = Disable NB merge
• Note: state in AMB should be sticky through fast link reset until new TS2
resets bit or hard pin reset
17:12
RO
3Fh
NBWCFG: Northbound width configuration set by TS3
•See table in FBD Architecture & Protocol Specification for full decoding
• [5:4] = Selects 14, 13 or 12 lane operation.
= Protocol Selection[1:0] out TS3 Protocol Selection[3:0]
• [3:0] - Selects none or one lane to map out
= NB Channel Configuration [3:0] in TS3
11:8
RO
Fh
SBWCFG: Southbound width capability set by TS3
•See Table in FBD Architecture & Protocol Specification for full decoding
• [3:0] - Selects none or one lane to map out
7RV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com