Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 172 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 172 Page - Intel Corporation

Back Button 6402 Datasheet HTML 168Page - Intel Corporation 6402 Datasheet HTML 169Page - Intel Corporation 6402 Datasheet HTML 170Page - Intel Corporation 6402 Datasheet HTML 171Page - Intel Corporation 6402 Datasheet HTML 172Page - Intel Corporation 6402 Datasheet HTML 173Page - Intel Corporation 6402 Datasheet HTML 174Page - Intel Corporation 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 250 page
background image
Registers
172
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.3.1.4
FBDS3: FBD Status 3
This register contains copies of bits that were returned by the AMB in the most recent
northbound status frame when the SYNC command R[1:0] field is 2’b11. This can also
be written with an override value that will be returned if selected during SYNC
command.
14.3.1.5
MODES: Operating Mode
This register contains overview configuration status of chip.
14.3.1.6
FEATURES: Capabilities
This register reports optional capabilities of this DIMM.
Device:
NodeID
Function: 1
Offset:
43h
Bit
Att
r
Default
Description
7:6
RV
0h
Reserved
5RW
0h
OVREN: Use values written by user.
Setting this bit causes the values specified in the lower 5 bits
of this register returned as-is if requested by SYNC command.
4RW
1h
USRPAR: User Specified parity for USRVAL
3:0
RW
0h
USRVAL: User Specified value
Device:
NodeID
Function: 1
Offset:
5Ch
Bit
Att
r
Default
Description
7RO
1
NORMAL:
• 1 = Normal AMB Buffer
6RO
0
LAI:
•1 = LAI
5RO
0
REPEATER:
•1 = Repeater
4
RO
0
TRANSPARENT:
• 1 = Transparent Test Mode
3:0
RV
0
Reserved
Device:
NodeID
Function: 1
Offset:
60h
Bit
Attr
Default
Description
31:15
RV
0h
Reserved
14:11
RO
0011
DDRFREQ: DDR2 frequencies supported
• 1XXX = reserved
• X1XX = DDR2-800
• XX1X = DDR2-667
• XXX1 = DDR2-533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com