Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 238 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 238 Page - Intel Corporation

Back Button 6402 Datasheet HTML 234Page - Intel Corporation 6402 Datasheet HTML 235Page - Intel Corporation 6402 Datasheet HTML 236Page - Intel Corporation 6402 Datasheet HTML 237Page - Intel Corporation 6402 Datasheet HTML 238Page - Intel Corporation 6402 Datasheet HTML 239Page - Intel Corporation 6402 Datasheet HTML 240Page - Intel Corporation 6402 Datasheet HTML 241Page - Intel Corporation 6402 Datasheet HTML 242Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 250 page
background image
Registers
238
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.8.3.3
NBFIBPATTBUF1: NB Intel IBIST Pattern Buffer 1 Register
This register contains the pattern bits used in Intel IBIST operations. Only the least
significant 24 bits are used. This user specified pattern goes out on to the link with the
least-significant 12 bits as the first frame and the most significant 12 bits as the second
frame.
14.8.3.4
NBFIBTXMSK: NB Intel IBIST Transmitter Mask Register
This register enables Intel IBIST operations for individual lanes. This mask only applies
to transmitters and not receivers.
14.8.3.5
NBFIBRXMSK: NB Intel IBIST Receiver Mask Register
This register enables Intel IBIST operations for individual lanes. This mask only applies
to receivers and not transmitters.
2:0
RWST
000
PTGENORD: Pattern Generation Order
000: Pattern Store + Modulo N Cntr + Constant Generator
001: Pattern Store + Constant Generator + Modulo N Cntr
010: Modulo N Cntr + Pattern Store + Constant Generator
011: Modulo N Cntr + Constant Generator + Pattern Store
100: Constant Generator + Pattern Store + Modulo N Cntr
101: Constant Generator + Modulo N Cntr + Pattern Store
110: Reserved
111: Reserved
Device:
NodeID
Function: 6
Offset:
C4h
Bit
Attr
Default
Description
Device:
NodeID
Function: 6
Offset:
C8h
Bit
Attr
Default
Description
31:24
RV
00h
Reserved
23:0
RWST
02ccfdh
IBPATBUF: IBIST Pattern Buffer
Pattern buffer storing the default and the user programmable pattern.
Device:
NodeID
Function: 6
Offset:
CCh
Bit
Attr
Default
Description
31:14
RV
00000h
Reserved
13:0
RWST
3FFFh
TXMASK: Selects which channels to enable for testing.
Device:
NodeID
Function: 6
Offset:
D0h
Bit
Attr
Default
Description
31:14
RV
00000h
Reserved
13:0
RWST
3FFFh
RXMASK: Selects which channels to enable for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com