Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 239 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 239 Page - Intel Corporation

Back Button 6402 Datasheet HTML 235Page - Intel Corporation 6402 Datasheet HTML 236Page - Intel Corporation 6402 Datasheet HTML 237Page - Intel Corporation 6402 Datasheet HTML 238Page - Intel Corporation 6402 Datasheet HTML 239Page - Intel Corporation 6402 Datasheet HTML 240Page - Intel Corporation 6402 Datasheet HTML 241Page - Intel Corporation 6402 Datasheet HTML 242Page - Intel Corporation 6402 Datasheet HTML 243Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
239
Registers
14.8.3.6
NBFIBTXSHFT: NB Intel IBIST Transmitter Inversion Shift Register
Each bit in this register enables inverting the patterns that is driven on corresponding
lanes. If AUTOINVSWPEN bit is set in port control register, the TXINVSHFT field is
rotated left at the completion of each pattern buffer set.
14.8.3.7
NBFIBRXSHFT: NB Intel IBIST Receiver Inversion Shift Register
Each bit in this register enables inverting the patterns that is received on corresponding
lanes. If AUTOINVSWPEN bit is set in port control register, the RXINVSHFT field is
rotated left at the completion of each pattern buffer set.
14.8.3.8
NBFIBRXLNERR: NB Intel IBIST Receiver Lane Error Status
This records the error status from each lane.
14.8.3.9
NBFIBPATTBUF2: NB Intel IBIST Pattern Buffer 2 Register
This optional register contains the pattern bits used in Intel IBIST operations. Only the
least significant 24 bits are used. This user specified pattern goes out on to the link
with the least-significant 12 bits as the first frame and the most significant 12 bits as
the second frame.
Device:
NodeID
Function: 6
Offset:
D4h
Bit
Attr
Default
Description
31:14
RV
00000h
Reserved
13:0
RWST
3FFFh
TXINVSHFT: Transmitter Inversion Shift Register.
Device:
NodeID
Function: 6
Offset:
D8h
Bit
Attr
Default
Description
31:14
RV
00000h
Reserved
13:0
RWST
3FFFh
RXINVSHFT: Receiver Inversion Shift Register.
Device:
NodeID
Function: 6
Offset:
DCh
Bit
Attr
Default
Description
31:14
RV
00000h
Reserved
13:0
ROST
0000h
RXERRSTAT: Receiver Error Status
Device:
NodeID
Function: 6
Offset:
E0h
Bit
Attr
Default
Description
31:24
RV
00h
Reserved
23:0
RWST
fd3302h
IBPATBUF2: IBIST Pattern Buffer 2
Pattern buffer storing the default and the user programmable pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com