Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 245 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 245 Page - Intel Corporation

Back Button 6402 Datasheet HTML 241Page - Intel Corporation 6402 Datasheet HTML 242Page - Intel Corporation 6402 Datasheet HTML 243Page - Intel Corporation 6402 Datasheet HTML 244Page - Intel Corporation 6402 Datasheet HTML 245Page - Intel Corporation 6402 Datasheet HTML 246Page - Intel Corporation 6402 Datasheet HTML 247Page - Intel Corporation 6402 Datasheet HTML 248Page - Intel Corporation 6402 Datasheet HTML 249Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
245
SPD Bits
15.1.3
Category Byte 99
Note:
*Airflow Impedance value is the result of air flow resistance measurements and bin
bands defined by FBDIMM customers
(Contact your customer for measurement method/setup if you want to program known
air flow impedance values otherwise program to the b00 default.)
101
0x80
0x80
0x80
0x80
AMB Personality Bytes PRE-INIT
102
0x20
0x20
0x20
0x20
103
0x00
0x00
0x00
0x00
104
0x44
0x44
0x44
0x44
105
0x03
0x03
0x04
0x04
106
0x80
0x80
0x80
0x80
107
0x48
0x48
0x48
0x48
AMB Personality Bytes POST-INIT
108
0x53
0x53
0x53
0x53
109
0x00
0x00
0x31
0x31
110
0x00
0x00
0x40
0x40
111
0x65
0x65
0x65
0x65
112
0x4C
0x4C
0x4C
0x4C
113
0x00
0x00
0x00
0x00
114
0x05
0x05
0x10
0x10
115
0x80
0x80
0x80
0x80
AMB Manufacturer JEDEC ID
116
0x89
0x89
0x89
0x89
150
0x00
0x00
0x01
0x01
informal AMB content revision tag (MSB)
151
0x08
0x08
0x09
0x09
informal AMB content revision tag (LSB)
Table 15-3. Category ByteJ
Raw Card airflow impedance*
DRAM type
Heat Spreader type
Byte 99
value
[7:6]
Value
[5:3]
Value
[2:0]
binary
hex
A
unknown
00
planar
001
AMB only
001
b00001001
0x09
A
unknown
00
planar
001
Full DIMM
010
b00001010
0x0A
B
unknown
00
planar
001
AMB only
001
b00001001
0x09
B
unknown
00
planar
001
Full DIMM
010
b00001010
0x0A
C
unknown
00
planar
001
AMB only
001
b00001001
0x09
C
unknown
00
planar
001
Full DIMM
010
b00001010
0x0A
D/J
unknown
00
stacked
011
AMB only
001
b00011001
0x19
D/J
unknown
00
stacked
011
Full DIMM
010
b00011010
0x1A
D/J
unknown
00
dual die
010
AMB only
001
b00010001
0x11
D/J
unknown
00
dual die
010
Full DIMM
010
b00010010
0x12
E/H
unknown
00
planar
001
AMB only
001
b00001001
0x09
E/H
unknown
00
planar
001
Full DIMM
010
b00001010
0x0A
Table 15-2. Raw Cards D, E, H, and J
C0 Stepping
D1 Stepping
Byte
533 MHz
667 MHz
533 MHz
667 MHz
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com