Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 247 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 247 Page - Intel Corporation

Back Button 6402 Datasheet HTML 242Page - Intel Corporation 6402 Datasheet HTML 243Page - Intel Corporation 6402 Datasheet HTML 244Page - Intel Corporation 6402 Datasheet HTML 245Page - Intel Corporation 6402 Datasheet HTML 246Page - Intel Corporation 6402 Datasheet HTML 247Page - Intel Corporation 6402 Datasheet HTML 248Page - Intel Corporation 6402 Datasheet HTML 249Page - Intel Corporation 6402 Datasheet HTML 250Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 247 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
247
Glossary
A
Glossary
A.1
Terms and Definitions
Term
Definition
ADC
Analog to Digital Converter
AMB
Advanced Memory Buffer
APM
Autonomous Platform Manager
ATE
Automatic Test Equipment
BIST
Built-In Self-Test
BL4/BL8
DRAM Burst Length 4/8
CAS
Column Address Strobe
CBC
Chip Boot Configuration
Chip disable
An ECC encoding specifically tailored for memory such that the data from any
defective memory device can be reconstructed from some aggregate of
surviving memory devices. Corrects data from failed device. The AMB employs
an “x8” ECC, which means that all data from a partially or completely failed 8-bit
device can be recovered without stopping the system. This same ECC provides
the same level of coverage for 4-bit (“x4”) devices.
CRC
Cyclic Redundancy Code(s). Usually in reference to binary error detection
algorithms.
CSR
Configuration and Status Register(s)
DDR
Double Data Rate (SDRAM)
DDR Branch
The minimum aggregation of DDR channels which operate in lock-step to
support error correction. Two channels per branch supports x8 chip disable ECC.
A rank spans a branch.
DDR Channel
A DDR channel consists of a data channel with 72 bits of data and an ADDR/
CNTRL channel
DDR Data channel
A DDR data channel consists of 72 bits of data, divided into 18 data groups
DDR Data group
Each data group consists of 4 data signals and a differential strobe pair
DFx
Design for Test/Manufacturability/Validation
DFV
Design For Validation
DIMM
Dual In-Line Memory Module. A packaging arrangement of memory devices on a
socketable substrate.
DIMM Slot
Receptacle (socket) for a DIMM. Also, the relative physical location of a specific
DIMM on a DDR channel.
DIMM Stack
Dual-ranked x4 DRAM DIMM physical topology: refers to two physical rows of
DRAM “stacked” one above another
DLL
Delay locked loop
DPM
Defects per million
DRAM
Dynamic Random Access Memory
DRAM Page (Row)
The DRAM cells selected by the Row Address
ECC
Error Correction Code. For the AMB, this is a chip disable code.
EEPROM
Electrically Erasable Programmable Read Only Memory
EMask, EMASK
Error Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com