Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 25Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
22
Freescale Semiconductor
Electrical Characteristics
4.1.2
Thermal Resistance Data
4.1.2.1
13 x 13 mm MAPBGA Package
Thermal Resistance Data
Table 8 provides thermal resistance data for a 13 x 13 mm MAPBGA package.
ESD damage immunity:
Vesd
V
Human Body Model (HBM)
Charge Device Model (CDM)
2000
500
Storage temperature range
TSTORAGE
–40
125
oC
1 The term OVDD in this section refers to the associated supply rail of an input or output. The maximum range can be
superseded by the DC tables.
Table 8. 13 x 13 mm MAPBGA Package Thermal Resistance Data
Rating
Board
Symbol
Value
Unit
Junction to Ambient (natural convection)1, 2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2 Per JEDEC JESD51-2 with the single layer board horizontal. The thermal test board meets JESD51-9 specification.
Single layer board (1s)
RθJA
51
°C/W
Junction to Ambient (natural convection)1, 2, 3
3 Per JEDEC JESD51-6 with the board horizontal.
Four layer board (2s2p)
RθJA
28
°C/W
Junction to Ambient (at 200 ft/min)1, 3
Single layer board (1s)
RθJMA
40
°C/W
Junction to Ambient (at 200 ft/min)1, 3
Four layer board (2s2p)
RθJMA
24
°C/W
Junction to Board4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
RθJB
14
°C/W
Junction to Case5
5 Thermal resistance between the die and the case top surface as measured by using the cold plate method (MIL SPEC-883
Method 1012.1).
RθJC
9°C/W
Junction to Package Top (natural convection)6
6 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as
Psi-JT.
Ψ
JT
2°C/W
Table 7. Absolute Maximum Ratings (continued)
Parameter Description
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com