Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 32Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 33Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
36
Freescale Semiconductor
Electrical Characteristics
4.4
Output Buffer Impedance Characteristics
This section defines the I/O impedance parameters of the i.MX50 processor.
Pull-up resistor (22 K
Ω PU)
Rpu
Vi=OVDD/2
22
29
71
K
Ω
Pull-up resistor (47 K
Ω PU)
Rpu
Vi=OVDD/2
43
59
148
K
Ω
Pull-up resistor (100 K
Ω PU)
Rpu
Vi=OVDD/2
46
62
156
K
Ω
Pull-down resistor (100 K
Ω PD)
Rpd
Vi=OVDD/2
53
77
256
K
Ω
Input current (no pull-up/down)
IIN
VI = 0
VI=OVDD
2.8
470
50
nA
Input current (22 K
Ω PU)
IIN
VI = 0
VI=OVDD
153
0.05
μA
Input current (47 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
77
0.05
μA
Input current (100 K
Ω PU)
IIN
VI = 0
VI=OVDD
——
73
0.05
μA
Input current (100 K
Ω PD)
IIN
VI = 0
VI=OVDD
0.47
63
μA
High-level output current, high voltage
mode
Ioh_hv
Vol=0.8*OVDD
Low Drive
Medium Drive
High Drive
-5.1
-10.2
-15.3
——
mA
External pull-up / pull-down
resistor required to overdrive
internal keeper
Rext
2.5
K
Ω
1 To maintain a valid level, the transitioning edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s. VIL and VIH do not apply
when hysteresis is enabled.
2 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 22. HVIO DC Electrical Characteristics (continued)
DC Electrical Characteristics
Symbol
Test Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com