Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 41Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 42Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 43Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 44Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 45Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 46Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
43
4.5.4
LVIO I/O Fast AC Parameters
Table 29 shows the AC parameters for LVIO fast I/O.
4.5.5
HVIO I/O Low Voltage (1.8 V) AC Parameters
Table 26 shows the AC parameters for HVIO I/O Low Voltage (1.8 V).
Table 29. LVIO I/O Fast AC Parameters
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (Max Drive)
tr, tf
15 pF
35 pF
1.44/1.27
2.78/2.56
ns
Output Pad Transition Times (High
Drive)
tr, tf
15 pF
35 pF
1.80/1.61
3.59/3.34
ns
Output Pad Transition Times (Medium
Drive)
tr, tf
15 pF
35 pF
2.55/2.28
5.32/5.01
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
4.74/4.59
10.59/10.21
ns
Output Pad Slew Rate (Max Drive)1
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
tps
15 pF
35 pF
0.69/0.78
0.36/0.39
V/ns
Output Pad Slew Rate (High Drive)
tps
15 pF
35 pF
0.55/0.61
0.28/0.30
V/ns
Output Pad Slew Rate (Medium Drive)
tps
15 pF
35 pF
0.39/0.44
0.19/0.20
V/ns
Output Pad Slew Rate (Low Drive)
tps
15 pF
35 pF
0.21/0.22
0.09/0.10
V/ns
Output pad di/dt (Max drive)
tdit
70
mA/ns
Output pad di/dt (High drive)
tdit
54
mA/ns
Output pad di/dt (Medium drive)
tdit
35
mA/ns
Output pad di/dt (Low drive)
tdit
18
mA/ns
Input transition times2
2 Hysteresis mode is recommended for inputs with transition time greater than 25 ns.
trm
25
ns
Table 30. HVIO I/O Low Voltage (1.8 V) AC Parameters
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times (High Drive)
tr, tf
15 pF
35 pF
1.82/1.97
3.39/3.57
ns
Output Pad Transition Times (Medium Drive)
tr, tf
15 pF
35 pF
2.48/2.62
4.95/5.14
ns
Output Pad Transition Times (Low Drive)
tr, tf
15 pF
35 pF
4.57/4.77
9.60/9.91
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com