Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 63Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 64Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 65Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 66Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
67
4.8
DRAM Timing Parameters
This section includes descriptions of the electrical specifications of DRAM MC module which interfaces
external DDR2, LPDDR1, and LPDDR2 memory devices.
WE34
EIM_RW invalid to EIM_CSx invalid
WE7 – WE9 + (WEN – CSN)
—
3 – (WEN_CSN)
ns
WE35
EIM_CSx valid to EIM_OE valid
WE10 – WE6 + (OEA – CSA)
—
3 + (OEA – CSA)
ns
WE36
EIM_OE invalid to EIM_CSx invalid
WE7 – WE11 + (OEN – CSN)
—
3 – (OEN – CSN)
ns
WE37
EIM_CSx valid to EIM_EBx valid
(Read access)
WE12 – WE6 + (RBEA – CSA)
—
3 + (RBEA4 – CSA)
ns
WE38
EIM_EBx invalid to EIM_CSx invalid
(Read access)
WE7 – WE13 + (RBEN – CSN)
—
3 – (RBEN5 – CSN)
ns
WE39
EIM_CSx valid to EIM_LBA valid
WE14 – WE6 + (ADV – CSA)
—
3 + (ADVA – CSA)
ns
WE40
EIM_LBA invalid to EIM_CSx invalid
(ADVL is asserted)
WE7 – WE15 – CSN
—
3 – CSN
ns
WE41
EIM_CSx valid to Output Data valid
WE16 – WE6 – WCSA
—
3 – WCSA
ns
WE42
Output Data invalid to EIM_CSx
invalid
WE17 – WE7 – CSN
—
3 – CSN
ns
WE43
Input Data valid to EIM_CSx invalid
MAXCO + MAXDI
MAXCO6 +
MAXDI7
—ns
WE44
EIM_CSx invalid to Input Data invalid
0
0
—
ns
WE45
EIM_CSx valid to EIM_EBx valid
(Write access)
WE12 – WE6 + (WBEA – CSA)
—
3 + (WBEA – CSA)
ns
WE46
EIM_EBx invalid to EIM_CSx invalid
(Write access)
WE7 – WE13 + (WBEN – CSN)
—
–3 + (WBEN – CSN)
ns
WE47
EIM_DTACK valid to EIM_CSx
invalid
MAXCO + MAXDTI
MAXCO6 +MA
XDTI8
—ns
WE48
EIM_CSx invalid to EIM_DTACK
invalid
00
—
ns
1 Parameters WE4–WE21 value, see in the Table 43.
2 EIM_CSx Assertion. This bit field determines when EIM_CSx signal is asserted during read/write cycles.
3 EIM_CSx Negation. This bit field determines when EIM_CSx signal is negated during read/write cycles.
4 EIM_EBx Assertion. This bit field determines when EIM_EBx signal is asserted during read cycles.
5 EIM_EBx Negation. This bit field determines when EIM_EBx signal is negated during read cycles.
6 Output maximum delay from internal driving the FFs to chip outputs. The maximum delay between all memory controls
(EIM_ADDR, EIM_CSx, EIM_OE, EIM_RW, EIM_EBx, and EIM_LBA).
7 Maximum delay from chip input data to internal FFs. The maximum delay between all data input pins.
8 DTACK maximum delay from chip input data to internal FF.
Table 43. EIM Asynchronous Timing Parameters Table Relative Chip Select (continued)
ID
Parameter
Determination by
Synchronous Measured
Parameters 1
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com