Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 75Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
74
Freescale Semiconductor
Electrical Characteristics
4.9.2.2
CSPI Slave Mode Timing
Figure 33 depicts the timing of CSPI in slave mode. Table 50 lists the CSPI slave mode timing
characteristics.
Figure 33. CSPI Slave Mode Timing Diagram
Table 50. CSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
CSPIx_CLK Cycle Time
tclk
60
ns
CS2
CSPIx_CLK High or Low Time
tSW
15
ns
CS3
CSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
CSPIx_CS_x pulse width
tCSLH
30
ns
CS5
CSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
CSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
CSPIx_DO Setup Time
tSmosi
5—
ns
CS8
CSPIx_DO Hold Time
tHmosi
5—
ns
CS9
CSPIx_DI Setup Time
tSmiso
5—
ns
CS10
CSPIx_DI Hold Time
tHmiso
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
CSPIx_CLK
CSPIx_CS_x
CSPIx_DI
CSPIx_DO
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com