Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 43Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 44Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 45Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 46Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 47Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 48Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 49Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 50Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
47
4.6
System Modules Timing
This section contains the timing and electrical parameters for the modules in the i.MX50 processor.
4.6.1
Reset Timings Parameters
Figure 6 shows the reset timing and Table 35 lists the timing parameters.
Figure 6. Reset Timing Diagram
4.6.2
WDOG Reset Timing Parameters
Figure 7 shows the WDOG reset timing and Table 36 lists the timing parameters.
Figure 7. WDOG_RST_B Timing Diagram
Single output slew rate
(Driver impedance =40
Ω+/-30%)
tsr
1.5
3.5
V/ns
Single output slew rate
(Driver impedance =60
Ω+/-30%
tsr
1
2.5
V/ns
1Vid(ac) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the
“true” input signal and Vcp is the “complementary” input signal. The Minimum value is equal to
Vih(ac)-Vil(ac).
2The typical value of Vix(ac) is expected to be about 0.5*OVDD. and Vix(ac) is expected to track
variation of OVDD. Vix(ac) indicates the voltage at which differential input signal must cross.
Table 35. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of RESET_IN_B assertion to be qualified as valid (input slope =
5ns)
50
—
ns
Table 34. LPDDR2 I/O AC Parameters (continued)
Parameter
Symbol
Min
Max
Unit
RESET_IN_B
CC1
(Input)
WDOG_RST_B
CC5
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com