Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 75Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
73
4.9.2.1
CSPI Master Mode Timing
Figure 32 depicts the timing of CSPI in master mode and Table 49 lists the CSPI master mode timing
characteristics.
Figure 32. CSPI Master Mode Timing Diagram
Table 49. CSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
CSPIx_CLK Cycle Time
tclk
60
ns
CS2
CSPIx_CLK High or Low Time
tSW
6—
ns
CS3
CSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
CSPIx_CS_x pulse width
tCSLH
15
ns
CS5
CSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
CSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
CSPIx_DO Setup Time
tSmosi
5—
ns
CS8
CSPIx_DO Hold Time
tHmosi
5—
ns
CS9
CSPIx_DI Setup Time
tSmiso
5—
ns
CS10
CSPIx_DI Hold Time
tHmiso
5—
ns
CS11
CSPIx_DRYN Setup Time
tSDRY
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
CSPIx_CLK
CSPIx_CS_x
CSPIx_DO
CSPIx_DI
CSPIx_DRYN1
CS11
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com