Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
93
4.9.9.3
SSI Transmitter Timing with External Clock
Figure 53 depicts the SSI transmitter external clock timing and Table 67 lists the timing parameters for the
transmitter timing with external clock.
Figure 53. SSI Transmitter External Clock Timing Diagram
Table 67. SSI Transmitter Timing with External Clock
ID
Parameter
Min
Max
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
ns
SS23
(Tx/Rx) CK clock high period
36.0
ns
SS24
(Tx/Rx) CK clock rise time
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
ns
SS26
(Tx/Rx) CK clock fall time
6.0
ns
SS27
(Tx) CK high to FS (bl) high
–10.0
15.0
ns
SS29
(Tx) CK high to FS (bl) low
10.0
ns
SS31
(Tx) CK high to FS (wl) high
–10.0
15.0
ns
SS33
(Tx) CK high to FS (wl) low
10.0
ns
SS37
(Tx) CK high to STXD valid from high impedance
15.0
ns
SS38
(Tx) CK high to STXD high/low
15.0
ns
SS45
SS33
SS24
SS26
SS25
SS23
Note: SRXD Input in Synchronous mode only
SS31
SS29
SS27
SS22
SS44
SS39
SS38
SS37
SS46
TXC
(Input)
TXFS (bl)
(Input)
TXFS (wl)
(Input)
TXD
(Output)
RXD
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com