Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 69Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 70Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
71
NOTE
The DDR15,16 could be adjusted by the parameter “DLL_WR_DELAY”;
The ideal case is that SDQS is center aligned to the DRAM_D data valid
window;
For this table, HW_DRAM_PHY15[14:8] (DLL_WR_DELAY) = 0x10;
4.8.4
DRAM Data Input Timing
DRAM Data input timing is defined for all DDR types: DDR2, LPDDR1, and LPDDR2.
DDR16
CK >= 200 MHz
DQ & DQM output hold time relative to DQS
tDH
0.5 tCK
- 1.3
—ns
DDR15
CK < 200 MHz
DQ & DQM output setup time relative to DQS
tDS
1
ns
DDR16
CK < 200 MHz
DQ & DQM output hold time relative to DQS
tDH
1
ns
Table 47. DDR2 Input AC Timing
ID
Description
Symbol
Min
Max
Unit
DDR20
Positive DQS latching edge to associated CK edge
tDQSCK
-0.5 tCK
ns
Table 46. DDR Output AC Timing
ID
Description
Symbol
Min
Max
Unit
Figure 31. DRAM Data Input Timing
DRAM_SDCLK
DRAM_SDCLK_B
DRAM_SDQS
DDR21
DDR22
d0
DDR20
d1
d2
d3
DRAM_D
DRAM_SDQS_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com