Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
92
Freescale Semiconductor
Electrical Characteristics
NOTE
All the timings for the SSI are given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
STCK/SRCK and/or the frame sync STFS/SRFS as shown in both the
tables and figures.
All timings are on Audiomux Pads when SSI is being used for data
transfer.
Tx and Rx refer to the transmit and receive sections of the SSI.
The terms WL and BL refer to word length (WL) and bit length (BL).
For internal frame sync operation using external clock, the FS timing is
same as that of Tx Data (for example, during AC97 mode of operation).
Oversampling Clock Operation
SS47
Oversampling clock period
15.04
ns
SS48
Oversampling clock high period
6.0
ns
SS49
Oversampling clock rise time
3.0
ns
SS50
Oversampling clock low period
6.0
ns
SS51
Oversampling clock fall time
3.0
ns
Table 66. SSI Receiver Timing with Internal Clock (continued)
ID
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com