Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 31Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 32Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 33Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
35
4.3.6
High Voltage I/O (HVIO) DC Parameters
Table 22 shows the HVIO DC electrical operating conditions. The parameters are guaranteed per the
operating ranges in Table 11, unless otherwise noted.
Input current (100 K
Ω PD)
IIN
VI = 0
VI=OVDD
0.25
36
μA
External pull-up / pull-down
resistor required to overdrive
internal keeper
Rext
47
K
Ω
1 To maintain a valid level, the transitioning edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s. VIL and VIH do not apply
when hysteresis is enabled.
2
Hysteresis of 350 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 22. HVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
MIN
TYP
MAX
Units
High-level output voltage
Voh
Ioh=-1mA
Ioh=spec’ed Drive
OVDD-0.15
0.8*OVDD
——
V
Low-level output voltage
Vol
Iol=1mA
Iol=specified Drive
0.15
0.2*OVDD
V
High-level output current, low voltage
mode
Ioh_lv
Voh=0.8*OVDD
Low Drive
Medium Drive
High Drive
-2.2
-4.4
-6.6
——
mA
High-level output current, high voltage
mode
Ioh_hv
Vol=0.8*OVDD
Low Drive
Medium Drive
High Drive
-5.1
-10.2
-15.3
——
mA
Low-level output current, low voltage mode
Iol_lv
Voh=0.2*OVDD
Low Drive
Medium Drive
High Drive
2.2
4.4
6.6
——
mA
Low-level output current, high voltage
mode
Iol_hv
Voh=0.2*OVDD
Low Drive
Medium Drive
High Drive
5.1
10.2
15.3
——
mA
High-Level DC input voltage1
VIH
0.7*OVDD
OVDD
V
Low-Level DC input voltage
VIL
0V
0.3*OVDD
V
Input Hysteresis
VHYS
OVDD=1.875
OVDD=3.0
0.25
0.36
0.80
—V
Schmitt trigger VT+2
VT+
0.5*OVDD
V
Schmitt trigger VT-
VT-
0.5*OVDD
V
Table 21. LVIO DC Electrical Characteristics (continued)
DC Electrical Characteristics
Symbol
Test Conditions
MIN
Typ
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com