Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 101Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
98
Freescale Semiconductor
Electrical Characteristics
4.9.10.3.1
UART IrDA Mode Transmitter
Figure 57 depicts the UART IrDA mode transmit timing with 8 data bit/1 stop bit format. Table 72 lists the
transmit timing characteristics.
Figure 57. UART IrDA Mode Transmit Timing Diagram
4.9.10.3.2
UART IrDA Mode Receiver
Figure 58 depicts the UART IrDA mode receive timing with 8 data bit/1 stop bit format. Table 73 lists the
receive timing characteristics.
Figure 58. UART IrDA Mode Receive Timing Diagram
Table 72. IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA3
Transmit Bit Time in IrDA mode
tTIRbit
1/Fbaud_rate
1 –T
ref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate + Tref_clk
UA4
Transmit IR Pulse Duration
tTIRpulse
(3/16)*(1/Fbaud_rate) – Tref_clk
(3/16)*(1/Fbaud_rate)+ Tref_clk
Table 73. IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA5
Receive Bit Time1 in IrDA mode
1
The UART receiver can tolerate 1/(16*Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16*Fbaud_rate).
tRIRbit
1/Fbaud_rate
2 –1/(16*F
baud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate +1/(16*Fbaud_rate)—
UA6
Receive IR Pulse Duration
tRIRpulse
1.41
μs
(5/16)*(1/Fbaud_rate)—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA3
UA3
UA3
UA3
UA4
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Possible
Parity
Bit
UA5
UA5
UA5
UA5
UA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com