Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 81Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 82Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 84Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 86Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 87Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
84
Freescale Semiconductor
Electrical Characteristics
Figure 45. Read Sequence Timing Diagram
4.9.7
Pulse Width Modulator (PWM) Timing Parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
pin.
Figure 46 depicts the timing of the PWM, and Table 62 lists the PWM timing parameters.
Figure 46. PWM Timing
Table 61. WR1 /RD Timing Parameters
ID
Parameter
Symbol
Min
Typ
Max
Unit
OW7
Write 1 Low Time
tLOW1
15
15
µs
OW8
Transmission Time Slot
tSLOT
60
117
120
µs
Read Data Setup
tSU
——
1
µs
OW9
Read Low Time
tLOWR
15
15
µs
OW10
Read Data Valid
tRDV
—15
µs
OW11
Release Time
tRELEASE
0—
45
µs
tSU
OW8
OW10
One-Wire bus
(BATT_LINE)
OW9
OW11
System Clock
2a
1
PWM Output
3b
2b
3a
4b
4a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com