Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCIMX503CVM8B Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
2
Freescale Semiconductor
Introduction
1.1
Product Overview
The i.MX50 is designed to enable high-tier portable applications by satisfying the performance
requirements of advanced operating systems and applications.
1.1.1
Dynamic Performance Scaling
Freescale’s dynamic voltage and frequency scaling (DVFS) allows the device to run at much lower voltage
and frequency with ample processing capacity for tasks, such as audio decode, resulting in significant
power reduction.
1.1.2
Multimedia Processing Powerhouse
The multimedia performance of the i.MX50 processor ARM Cortex-A8 core is boosted by a multi-level
cache system, a NEON co-processor with SIMD media processing architecture and 32-bit single-precision
floating point support, and two vector floating point co-processors. The system is further enhanced by a
programmable smart DMA (SDMA) controller.
1.1.3
Powerful Display System
The i.MX50 includes support for both standard LCD displays as well as electrophoretic displays (e-paper).
The display subsystem consists of the following modules:
•
Electrophoretic Display Controller (EPDC) (i.MX508 only)
The EPDC is a feature-rich, low power, and high-performance direct-drive active matrix EPD
controller. It is specifically designed to drive E-INKTM EPD panels, supporting a wide variety of
TFT architectures. The goal of the EPDC is to provide an efficient SoC integration of this
functionality for e-paper applications, allowing a significant bill of materials cost savings over an
external solution while reaching much higher levels of performance and lower power. The EPDC
module is defined in the context of an optimized hardware/software partitioning and works in
conjunction with the ePXP (see Section 1.1.4, “Graphics Accelerators”).
•
Enhanced LCD Controller Interface (eLCDIF)
The eLCDIF is a high-performance LCD controller interface that supports a rich set of modes and
allows interoperability with a wide variety of LCD panels, including DOTCK/RGB and smart
panels. The module also supports synchronous operation with the ePXP to allow the processed
frames to be passed from the ePXP to the eLCDIF through an on-chip SRAM buffer. The eLCDIF
can support up to 32-bit interfaces.
1.1.4
Graphics Accelerators
Integrated graphics accelerators offload processing from the ARM processor, enabling high performance
graphic applications at minimum power.
•
Pixel Processing Pipeline (ePXP)
The ePXP is a high-performance pixel processor capable of 1 pixel/clock performance for
combined operations, such as color-space conversion, alpha blending, gamma mapping, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com