Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 111Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 112Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 113Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 114Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 115Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 116Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 117Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 118Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 134 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
115
5.3
17 x 17 mm, 0.8 mm Pitch, 400 Pin MAPBGA Package Information
This section contains the outline drawing, signal assignment map, ground, power, reference ID (by ball
grid location) for the 17 x 17 mm, 0.8 mm pitch, 400 pin MAPBGA package.
VDD2P5
AD4
VDD3P0
AD3
VDDA
P17, R17
VDDAL1
P15, R15
VDDGP
G10, G8, G9, H10, H7, H8, H9, J7, J8, K10, K7, K8, L10,
L7, L8
VDDO25
N23
VSS
A1, A24, AA11, AA18, AA2, AA9, AC18, AC3, AC4, AC6,
AC7, AD1, AD18, AD24, E17, E18, E21, E8, E9, F21,
G11, G12, G13, G21, G23, H11, H12, H13, K11, K12,
K13, L11, L12, L13, L14, L17, M11, M14, M15, M17, N11,
N14, N15, N17, P11, P12, P13, P14, R11, R12, R13,
R14, T17, U12, U13, U14, U15, U16, U17
Table 81. 416 PoPBGA 13 x 13 mm Ground, Power, Sense, and Reference Contact Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com