Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX503CVM8B Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MCIMX503CVM8B Datasheet HTML 119Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 120Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 121Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 122Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 123Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 124Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 125Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 126Page - Freescale Semiconductor, Inc MCIMX503CVM8B Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
123
5.4
Signal Assignments
VDD_DCDCI
R7
VDD_DCDCO
T6
GND_DCDC
R6
Table 84. Alphabetical List of Signal Assignments
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset
BOOT_MODE0
AB1
AB1
V3
NVCC_RESET
LVIO
ALT0
IN
100K PU
BOOT_MODE1
AB2
AB2
U3
NVCC_RESET
LVIO
ALT0
IN
100K PU
CHGR_DET_B
V11
AA15
T10
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG25
OUT-OD
CKIH
AA6
AA6
V4
NVCC_JTAG
ANALOG
CKIL
Y1
Y1
Y4
NVCC_SRTC
ANALOG
CSPI_MISO
M5
H2
K4
NVCC_SPI
HVIO
ALT1
IN
Keeper
CSPI_MOSI
M2
J1
L3
NVCC_SPI
HVIO
ALT1
IN
Keeper
CSPI_SCLK
M1
H1
M1
NVCC_SPI
HVIO
ALT1
IN
Keeper
CSPI_SS0
M4
J2
J4
NVCC_SPI
HVIO
ALT1
IN
Keeper
DISP_BUSY
AC12
AA21
U11
NVCC_LCD
HVIO
ALT1
IN
Keeper
DISP_CS
AD14
AC21
T12
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D0
AA12
AC17
V11
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D1
Y12
AC16
T11
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D10
Y17
AD22
Y16
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D11
V12
AD19
W14
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D12
V13
AC22
V14
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D13
V14
AC23
T13
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D14
V15
AB23
U14
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D15
V16
AD21
Y15
NVCC_NANDF
HVIO
ALT1
IN
Keeper
DISP_D2
AA13
AD15
W12
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D3
Y13
AC15
W13
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D4
AA14
AC24
Y13
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
DISP_D5
Y14
AB24
U13
NVCC_LCD
HVIO
ALT3
OUT-LO
100K PU
Table 83. 400 MAPBGA 17x17 Ground, Power, Sense, and Reference Contact Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com